Part Number Hot Search : 
0LSTR 15KW110A RF3397 C101M SM5K4 IR2128 54HC1 3708AI
Product Description
Full Text Search
 

To Download SFAF1601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 228 - SFAF1601G thru sfaf1608g isolation 16.0 amps. glass passivated super fast rectifiers voltage range 50 to 600 volts current 16.0 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: ito-220ac molded plastic epoxy: ul 94v-o rate flame retardant terminals: leads solderable per mil- std-202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 o c/10 seconds .16?,(4.06mm) from case. weight: 2.24 grams ito-220ac dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sfaf 1601g sfaf 1602g sfaf 1603g sfaf 1604g sfaf 1605g sfaf 1606g sfaf 1607g sfaf 1608g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current @t c = 100 i (av) 16.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 200 a maximum instantaneous forward voltage @ 16.0a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10 400 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 130 100 pf typical thermal resistance c (note 3) r jc 1.3 /w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes: 1 . reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. mounted on heatsink size of 3 in x 5 in x 0.25 in al-plate. .071(1.8) max .161(4.1) .146(3.7) .118(3.00) .124(3.16) .185(4.7) .173(4.4) .272(6.9) .248(6.3) .063(1.6) max .100(2.55) .543(13.8) .512(13.2) .100(2.55) .110(2.8) .098(2.5) .606(15.5) .583(14.8) .112(2.85) .100(2.55) .406(10.3) .390(9.90) .134(3.4)dia .113(3.0)dia 2 pin 1 pin 2 case positive
- 229 - fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (SFAF1601G thru sfaf1608g) fig.3- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 1000 .10 1.0 10 100 percent of rated peak reverse voltage. (%) tc=25 c 0 tc=100 c 0 fig.4- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 50 50 200 250 150 100 number of cycles at 60hz 8.3ms single half sine wave jedec method tj=25 c 0 fig.6- typical forward characteristics instantaneous for ward current . (a) .4 .6 .8 1.0 1.2 1.4 1.6 1.8 .01 0.1 .03 1.0 0.3 10 3.0 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o SFAF1601G~sf af1604g s f a f 1 605g ~s f a f 1606 g sfaf1607g~sf af1608g fig.5- typical junction capacitance capacitance.(pf) 15 2 10 20 50 100 200 500 50 100 150 200 250 300 reverse voltage. (v) tj=25 c 0 s f a f1601g ~s f a f1604g s f a f 1605g ~s f a f 1608g fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 4 8 12 16 20 case temperature. ( c) o


▲Up To Search▲   

 
Price & Availability of SFAF1601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X